Electronic Components Datasheet Search
  English  ▼

X  

LP140WH1 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Product Specification
8/ 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
Pin
Symbol
Description
Notes
1
NC
Reserved
2
VCC
Power Supply, 3.3V Typ.
3
VCC
Power Supply, 3.3V Typ.
4
V EEDID
DDC 3.3V power
5
NC
No Connection
6
Clk EEDID
DDC Clock
7
DATA EEDID
DDC Data
8
Odd_R
IN 0-
Negative LVDS differential data input
9
Odd_R
IN 0+
Positive LVDS differential data input
10
GND
Ground
11
Odd_R
IN 1-
Negative LVDS differential data input
12
Odd_R
IN 1+
Positive LVDS differential data input
13
GND
Ground
14
Odd_R
IN 2-
Negative LVDS differential data input
15
Odd_R
IN 2+
Positive LVDS differential data input
16
GND
Ground
17
Odd_CLKIN-
Negative LVDS differential clock input
18
Odd_CLKIN+
Positive LVDS differential clock input
19
GND
Ground
20
NC
No Connection
21
NC
No Connection
19
GND
Ground
23
NC
No Connection
24
NC
No Connection
19
GND
Ground
26
NC
No Connection
27
NC
No Connection
19
GND
Ground
29
NC
No Connection
30
NC
No Connection
31
VLED_GND
LED Ground
32
VLED_GND
LED Ground
33
VLED_GND
LED Ground
34
NC
Reserved
35
PWM
PWM for luminance control(120Hz~480Hz)
36
LED_EN
Backlight On/Off Control
37
NC
No Connection (Reserved)
38
VLED
LED Power Supply (7V-20V)
39
VLED
LED Power Supply (7V-20V)
40
VLED
LED Power Supply (7V-20V)
1, Interface chips
1.1 LCD : SW, SW0624 (LCD Controller)
including LVDS Receiver
1.2 System : THC63LVDF823A
or equivalent
* Pin to Pin compatible with LVDS
2. Connector
2.1 LCD : CABLINE-VS RECE ASS’Y, I-PEX
or its compatibles
2.2 Mating : CABLINE-VS PLUG CABLE
ASS’Y or equivalent.
2.3 Connector pin arrangement
1
40
[LCD Module Rear View]
This LCD employs two interface connections, a 40 pin connector is used for the module electronics interface
and the other connector is used for the integral backlight system.
The electronics interface connector is a model CABLINE-VS RECE ASS’Y manufactured by I-PEX.
3, Pin connection for LED IC
1.1 Pin #35 should not connect with Pin #36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com