Electronic Components Datasheet Search
  English  ▼

X  

LP140WH1 Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Product Specification
18 / 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP140WH1. In addition the figures
in the next page are detailed mechanical drawing of the LCD.
Outline Dimension
Horizontal
323.5
± 0.5mm
Vertical
192.0
± 0.5mm
Thickness
5.2mm (max)
Bezel Area
Horizontal
314.4
± 0.5mm
Vertical
177.4
± 0.5mm
Active Display Area
Horizontal
309.40 mm
Vertical
173.95 mm
Weight
350g (Max.)
Surface Treatment
Hard Coating(3H), Glare
treatment of the front polarizer
Mother Glass Thickness
Upper Glass (C/F Glass)
0.50 + 0.05 / -0.03 mm
Lower Glass (TFT Glass)
0.50 + 0.05 / -0.03 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com