Electronic Components Datasheet Search
  English  ▼

X  

LP140WH1 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Product Specification
16 / 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
FIG. 3 Response Time
The response time is defined as the following figure and shall be measured by switching the input signal
for “black” and “white”.
TrR
TrD
100
90
10
0
%
Optical
Response
white
black
white
FIG. 2 Luminance
<measuring point for surface luminance & measuring point for luminance variation>
H
A
L4
L5
L1
L2
L3
Center Point
D
H,V : ACTIVE AREA
A : H/4 mm
B : V/4 mm
C : 10 mm
D : 10 mm
POINTS : 13 POINTS
L12
L7
L9
L10
L6
L11
L13
L8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com