Electronic Components Datasheet Search
  English  ▼

X  

LP140WH1 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Product Specification
11 / 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
3-4. Signal Timing Specifications
Table 4. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
3-5. Signal Timing Waveforms
Condition : VCC =3.3V
Low: 0.3VCC
High: 0.7VCC
Data Enable, Hsync, Vsync
Hsync
Data Enable
Vsync
Data Enable
t
WH
t
HP
t
HFP
t
HBP
t
VP
t
WV
t
VBP
t
VFP
tWHA
tWVA
tCLK
0.5 Vcc
DCLK
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Frequency
fCLK
68.7
72.3
76.2
MHz
Hsync
Period
tHP
1470
1526
1586
tCLK
Width
tWH
23
32
40
Width-Active
tWHA
1366
1366
1366
Vsync
Period
tVP
779
790
801
tHP
Width
tWV
2
5
8
Width-Active
tWVA
768
768
768
Data
Enable
Horizontal back porch
tHBP
72
80
124
tCLK
Horizontal front porch
tHFP
8
48
48
Vertical back porch
tVBP
8
14
20
tHP
Vertical front porch
tVFP
1
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com