Electronic Components Datasheet Search
  English  ▼

X  

LP140WH1 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Product Specification
6/ 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
3. Electrical Specifications
3-1. Electrical Characteristics
Table 2. ELECTRICAL CHARATERISTICS
The LP140WH1 requires two power inputs. One is employed to power the LCD electronics and to drive the
TFT array and liquid crystal. The second backlight is the input about LED BL with LED Driver.
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
LOGIC :
Power Supply Input Voltage
VCC
3.0
3.3
3.6
V
1
Power Supply Input Current
Mosaic
ICC
-
465
540
mA
2
Black
ICC_max
-
640
740
mA
3
Power Consumption
PCC
-
1.5
1.8
W
2
Power Supply Inrush Current
ICC_P
-
-
2000
mA
4
LVDS Impedance
ZLVDS
90
100
110
Ω
5
BACKLIGHT : ( with LED Driver)
LED Power Input Voltage
VLED
7.0
12.0
20.0
V
6
LED Power Input Current
ILED
-
265
285
mA
7
LED Power Consumption
PLED
-
3.2
3.4
W
7
PWM Duty Ratio
13
-
100
%
8
PWM Jitter
-
0
-
0.3
%
9
PWM Impedance
ZPWM
20
40
60
kΩ
PWM Frequency
FPWM
120
1000
1100
Hz
10
PWM High Level Voltage
V
PWM_H
3.0
-
5.3
V
PWM Low Level Voltage
V
PWM_L
0
-
0.5
V
LED_EN Impedance
ZPWM
20
40
60
kΩ
LED_EN High Voltage
VLED_EN
_H
3.0
-
5.3
V
LED_EN Low Voltage
VLED_EN
_L
0
-
0.5
V
Life Time
12,000
-
-
Hrs
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com