Electronic Components Datasheet Search
  English  ▼

X  

BC145 Datasheet(PDF) 5 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 5 Page - ABB

  BC145 Datasheet HTML 1Page - ABB BC145 Datasheet HTML 2Page - ABB BC145 Datasheet HTML 3Page - ABB BC145 Datasheet HTML 4Page - ABB BC145 Datasheet HTML 5Page - ABB BC145 Datasheet HTML 6Page - ABB BC145 Datasheet HTML 7Page - ABB BC145 Datasheet HTML 8Page - ABB BC145 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1-2
MN1373
SAFETY NOTICE Continued
WARNING: Electrical shock can cause serious or fatal injury. Be sure that all power is disconnected and there is no voltage present
from this equipment or equipment to which it is or will be connected. Electrical shock can cause serious or fatal injury. Only
qualified personnel should attempt the installation and start-up procedures.
WARNING: Electrical shock can cause serious or fatal injury. Verify there is no voltage phase-to-phase or phase-to-neutral at the motor
leads before connecting motor to this control. Motor may have high voltage present even when disconnected from this control.
WARNING: Do not use motor overload relays with an automatic reset feature. These are dangerous since the process may injure someone
if a sudden or unexpected automatic restart occurs. If manual reset relays are not available, disable the automatic restart
feature using external control wiring.
WARNING: This unit has an automatic restart feature that will start the motor whenever input power is applied and a RUN (FWD or REV)
command is issued. If an automatic restart of the motor could cause injury to personnel, the automatic restart feature should
be disabled.
WARNING: Using a jumper to eliminate the start/stop function will cause the motor to run at the Main Speed Potentiometer setting when
the AC line is applied.
WARNING: If possible, do not adjust trim pots with the main power applied. Electrical shock can cause serious or fatal injury. If
adjustments are made with the main power applied, an insulated adjustment tool must be used to prevent shock hazard and
safety glasses must be worn.
WARNING: Do not use this drive in an explosive environment. An explosion can cause serious or fatal injury. This drive is not explosion
proof.
WARNING: When the Enable jumper is installed, the drive and motor will start and run when AC power is applied, when power is restored
after a momentary power loss, or after an overload or TCL fault is reset. The user must ensure that automatic start up of the
driven equipment will not cause injury to operating personnel or damage to the driven equipment. The user is responsible
for providing suitable audible or visual alarms or other devices to indicate that the drive may start at any moment. Failure to
observe this warning could result in severe bodily injury or loss of life.
WARNING: Do not use start/stop, inhibit or enable functions as a safety disconnect. Use only an AC line disconnect for that purpose.
Failure to observe this warning could result in severe bodily injury or loss of life.
Caution: Disconnect motor leads (A1 and A2) from control before you perform a Dielectric Withstand test on the motor. Failure to
disconnect motor from the control will result in extensive damage to the control. The control is tested at the factory for high
voltage / leakage resistance as part of Underwriter Laboratory requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com