Electronic Components Datasheet Search
  English  ▼

X  

BC145 Datasheet(PDF) 12 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 12 Page - ABB

Back Button BC145 Datasheet HTML 8Page - ABB BC145 Datasheet HTML 9Page - ABB BC145 Datasheet HTML 10Page - ABB BC145 Datasheet HTML 11Page - ABB BC145 Datasheet HTML 12Page - ABB BC145 Datasheet HTML 13Page - ABB BC145 Datasheet HTML 14Page - ABB BC145 Datasheet HTML 15Page - ABB BC145 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
3-4
MN1373
Voltage Signal Input
WARNING: READ SAFETY WARNINGS BEFORE ATTEMPTING TO USE THIS CONTROL.
Note: The Voltage/Current (VLT/CUR) jumper must be in the VLT position (factory setting). The BC145 is designed to accept a wide range of input
voltage signals as follows:
3-1 Voltage Input Signal
Input Terminals
Minimum Input
Voltage Range
Maximum Input
Voltage Range
5, 6
0-5
0-25
5, 7
0-25
0-120
5, 8
0-120
0-550
Connect input voltage signal to proper input terminals as indicated in Figure 3-4.
1. Connect a 10VDC meter (digital meter is suggested) to terminals “9” (-) and “10” (+).
2. Apply the maximum input voltage that would be supplied from tach, transducer, etc.
3. Adjust the “MAX” trimpot to the desired output voltage.
Example: A follower motor is to follow the output of a leader motor with an armature voltage range of 0-90V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com