Electronic Components Datasheet Search
  English  ▼

X  

BC145 Datasheet(PDF) 10 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 10 Page - ABB

Back Button BC145 Datasheet HTML 6Page - ABB BC145 Datasheet HTML 7Page - ABB BC145 Datasheet HTML 8Page - ABB BC145 Datasheet HTML 9Page - ABB BC145 Datasheet HTML 10Page - ABB BC145 Datasheet HTML 11Page - ABB BC145 Datasheet HTML 12Page - ABB BC145 Datasheet HTML 13Page - ABB BC145 Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
3-2
MN1373
3-2 230V Connection
Input Terminals
A voltage or current signal from a microprocessor, tachometer, transducer, etc. is to be connected to terminals “5” through
“8”. The selection of the proper terminal is based on the maximum level of the input signal. See Figure 3-3, Table 3-1 and
Figure 3-4.
Current Signal Input
WARNING: READ SAFETY WARNINGS BEFORE ATTEMPTING TO USE THIS CONTROL.
The Signal Isolator accepts 4-20mA DC input to provide 0-9VDC output. Connect the current signal input common (-) to
Terminal “5” and the positive (+) to Terminal “6”, as shown in Figure 3-3. Other current signal input ranges can also be used
by installing appropriate resistors across terminals 5 and 6. Calibrate the Signal Isolator in accordance with the procedure
described below.
Note: Two resistors for 10-50mA and 1-5mA inputs are supplied in the hardware bag included with this kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com