Electronic Components Datasheet Search
  English  ▼

X  

BC145 Datasheet(PDF) 11 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 11 Page - ABB

Back Button BC145 Datasheet HTML 7Page - ABB BC145 Datasheet HTML 8Page - ABB BC145 Datasheet HTML 9Page - ABB BC145 Datasheet HTML 10Page - ABB BC145 Datasheet HTML 11Page - ABB BC145 Datasheet HTML 12Page - ABB BC145 Datasheet HTML 13Page - ABB BC145 Datasheet HTML 14Page - ABB BC145 Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
3-3
MN1373
Figure 3-3 Current Signal Input Connection
4-20mA DC Signal Input:
No resistor required. Set Jumper J1 in “CUR” position.
10-50mA DC Signal Input (Use Large Resistor with Color Code “Brown-Green-Brown”):
Install the 150Ω - 1W resistor across Terminals “5” and “6”. Set Jumper J1 in“CUR” position.
1-5mA DC Signal Input (Use Small Resistor with Color Code “Brown-Black-Red”):
Install the 1kΩ - 1/4W resistor across Terminals “5” and “6”. Set Jumper J1 in “VOLT” position.
Procedure to Calibrate the Signal Isolator When Using Current Signal Input:
1. Connect a DC voltmeter (a digital voltmeter is suggested) to Terminals “9” (-) and“10” (+).
2. Apply the minimum signal input current to Terminals “5” (-) and “6” (+).
3. Adjust the MIN Trimpot on the Signal Isolator to obtain an output voltage of 0VDC.
4. Apply the maximum signal input current to Terminals “5” (-) and “6” (+).
5. Adjust the MAX Trimpot on the Signal Isolator to obtain an output voltage of 9VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com