Electronic Components Datasheet Search
  English  ▼

X  

BC145 Datasheet(PDF) 7 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 7 Page - ABB

Back Button BC145 Datasheet HTML 3Page - ABB BC145 Datasheet HTML 4Page - ABB BC145 Datasheet HTML 5Page - ABB BC145 Datasheet HTML 6Page - ABB BC145 Datasheet HTML 7Page - ABB BC145 Datasheet HTML 8Page - ABB BC145 Datasheet HTML 9Page - ABB BC145 Datasheet HTML 10Page - ABB BC145 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1-4
MN1373
Table 1-1 General Performance Specifications
Description
Specification
AC Power Requirements
115 or 208-230VAC, 50/60Hz (1)
Signal Input Voltage (2)
0-25, 0-120, 0-550VDC
Signal Input Current (2)
1-5, 4-20, 10-50mA (3)
Maximum Output Voltage
10 volts
Maximum Output Current
10mA
Range of “MIN” Trimpot
±3 volts
Range of “MAX” Trimpot
0 to 2 times the input voltage with maximum of 10 volts
Linearity (4)
±0.1%
Temperature Drift (4)
4mV per °C
Temperature Operating Range
0-40°C / 32-104°F
Operating Humidity Range (% Relative, Non-Condensing)
0 - 95
Storage Temperature
-25 to +85°C / -13 to +185°F
Note: (1) To achieve full specifications, input voltage must be within ±10% of nominal.
(2) Floating (non-grounded) or grounded input signal may be used.
(3) To convert from 4-20mA to 1-5mA, add a 1kΩ 1/4W resistor across terminals “5” and “6”. To convert to 10-5-mA, add a 150Ω 1W
resistor across terminals “5” and “6”. See Figure 3-3.
(4) Specifications are based on an output of 10 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com