Electronic Components Datasheet Search
  English  ▼

X  

BC145 Datasheet(PDF) 13 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 13 Page - ABB

Back Button BC145 Datasheet HTML 9Page - ABB BC145 Datasheet HTML 10Page - ABB BC145 Datasheet HTML 11Page - ABB BC145 Datasheet HTML 12Page - ABB BC145 Datasheet HTML 13Page - ABB BC145 Datasheet HTML 14Page - ABB BC145 Datasheet HTML 15Page - ABB BC145 Datasheet HTML 16Page - ABB BC145 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
3-5
MN1373
Figure 3-4 Voltage Input Signal Connections
a. Connect the armature of the leader motor to the BC145 input terminals “5” (-) and “7” (+).
b. Set the armature voltage of the leader motor to zero (0). Adjust the “MIN” trimpot so that the output at terminals “9” (-) and “10” (+)
reads zero (0) volts.
c. Reset the armature voltage of the leader motor to 90V. Adjust the “MAX” trimpot to the desired output voltage.
Note: (1) When setting the output voltage using the “MIN” and “MAX” trimpots, the voltage or speed of the driven motor can be read directly
instead of using the output of the BC145.
(2) When readjusting the “MIN” and “MAX” trimpots, always set the minimum voltage first and then the maximum voltage.
(3) Trimpots allow approximately 20 turns for the full range of adjustment. If during the adjustment procedure the output stops changing,
try reversing the direction of rotation of trimpot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com