Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp. DF-G2 Datasheet HTML 10Page - Banner Engineering Corp. DF-G2 Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Sensor positions
threshold midway
between taught conditions
Darkest
(no signal)
Most Light
(saturated
signal)
Output OFF
Output ON
Darkest Taught
Condition
Lightest Taught
Condition
Position
adjusted by
Manual Adjust
Figure 6. Two-Point TEACH (Light Operate shown)
The Output ON and OFF conditions can be reversed by changing the LO/DO setting in the Program Mode menu.
Dynamic TEACH
•
Teaches on-the-fly
•
Establishes a single switching threshold
•
Threshold can be adjusted using "+" and "-" rocker button (Manual Adjust)
Dynamic TEACH is best used when a machine or process may not be stopped for teaching. The sensor learns during actual
sensing conditions, taking multiple samples of the light and dark conditions and automatically setting the threshold at the optimum
level.
Sensor positions
threshold midway
between taught conditions
Darkest
(no signal)
Most Light
(saturated
signal)
Output OFF
Output ON
Darkest Taught
Condition
Lightest Taught
Condition
Position
Figure 7. Dynamic TEACH (Light Operate shown)
The Output ON and OFF conditions can be reversed by changing the LO/DO setting in the Program Mode menu.
Window SET
•
Sets window thresholds that extend a programmable % offset above and below the presented condition
•
All other conditions (lighter or darker) cause the output to change state
•
Sensing window center can be adjusted using "+" and "-" rocker button (Manual Adjust)
•
Recommended for applications where a product may not always appear in the same place, or when other signals may
appear
•
See Program Mode in the user's manual for programming the Offset Percent setting (to increase/decrease the window size)
A single sensing condition is presented, and the sensor positions window thresholds a programmable % offset above and below
the presented condition. In LO mode, Window SET designates a sensing window with the Output ON condition inside the window,
and the Output OFF conditions outside the window.
Note: For Window SET and Light SET, the maximum offset threshold percent is 90%.
Sensor positions
window thresholds
a programmable %
offset from the
presented condition
Darkest
(no signal)
Most Light
(saturated
signal)
Condition
Presented
Sensing Window
Output OFF
Output OFF
Output ON
Figure 8. Window SET (Light Operate shown)
Output ON and OFF conditions can be reversed by changing the LO/DO setting in the Program Mode menu.
DF-G2 High Speed Expert™ Dual Display Fiber Amplifier with IO Link
P/N 193601 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com