| Electronic Components Datasheet Search |
|
DF-G2 Datasheet(PDF) 8 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
DF-G2 Datasheet(HTML) 8 Page - Banner Engineering Corp. |
|
8 / 11 page ![]() Light SET • Sets a threshold a programmable % offset below the presented condition • Changes output state on any condition darker than the threshold condition • Threshold can be adjusted using "+" and "-" rocker button (Manual Adjust) • Recommended for applications where only one condition is known, for example a stable light background with varying darker targets • See Program Mode for programming the Offset Percent setting A single sensing condition is presented, and the sensor positions a threshold a programmable % offset below the presented condition. When a condition darker than the threshold is sensed, the output either turns ON or OFF, depending on the LO/DO setting. Threshold Position Sensor positions threshold a programmable % offset below the presented condition Darkest (no signal) Most Light (saturated signal) Output OFF Output ON Condition Presented Figure 9. Light SET (Light Operate shown) Dark SET • Sets a threshold a programmable % offset above the presented condition • Any condition lighter than the threshold condition causes the output to change state • Threshold can be adjusted using "+" and "-" rocker button (Manual Adjust) • Recommended for applications where only one condition is known, for example a stable dark background with varying lighter targets • See Program Mode for programming the Offset Percent setting Note: Offset Percent MUST be programmed to Minimum Offset to accept conditions of no signal (0 counts). A single sensing condition is presented, and the sensor positions a threshold a programmable % offset above the presented condition. When a condition lighter than the threshold is sensed, the output either turns ON or OFF, depending on the LO/DO setting. Sensor positions threshold a programmable % offset above the presented condition Threshold position adjusted by Manual Adjust Darkest (no signal) Most Light (saturated signal) Output OFF Output ON Condition Presented Figure 10. Dark SET (Light Operate shown) Calibration SET • Sets a threshold exactly at the presented condition • Threshold can be adjusted using "+" and "-" rocker button (Manual Adjust) A single sensing condition is presented, and the sensor positions a threshold exactly at the presented condition. When a condition lighter than the threshold is sensed, the output either turns ON or OFF, depending on the LO/DO setting. DF-G2 High Speed Expert™ Dual Display Fiber Amplifier with IO Link 8 www.bannerengineering.com - Tel: + 1 888 373 6767 P/N 193601 Rev. B |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |