Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp. DF-G2 Datasheet HTML 10Page - Banner Engineering Corp. DF-G2 Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Sensor positions
threshold exactly at
the presented condition
Threshold position
adjusted by
Manual Adjust
Darkest
(no signal)
Most Light
(saturated
signal)
Output OFF
Output ON
Condition
Presented
Figure 11. Calibration SET (Light Operate shown)
Troubleshooting
Manual Adjustments Disabled
Manual adjustments are disabled when Auto Thresholds are ON. If a manual adjustment is attempted while Auto Thresholds are
ON, the Green display will flash
.
Percent Minimum Difference after TEACH
The Two-Point and Dynamic TEACH methods will flash a % minimum difference on the displays after a PASS or FAIL.
Value
PASS/FAIL
Description
0 to 99%
FAIL
The difference of the taught conditions does not meet the required minimum
100 to 300%
PASS
The difference of the taught conditions just meets/exceeds the required minimum, minor
sensing variables may affect sensing reliability
300 to 600%
PASS
The difference of the taught conditions sufficiently exceeds the required minimum, minor
sensing variables will not affect sensing reliability
600% +
PASS
The difference of the taught conditions greatly exceeds the required minimum, very stable
operation
Percent Offset after SET
The Window, Dark, and Light SET methods will flash a % offset on the displays after a PASS or FAIL.
SET Result
% Offset Meaning
PASS (with % Offset)
Displays the % offset used for the SET method
FAIL (with % Offset)
Displays the minimum required % offset necessary to PASS the SET method
FAIL (without % Offset)
Presented condition cannot be used for the SET method
Threshold Alert or Threshold Error
Severe contamination/changes in the taught condition can prevent the Auto Thresholds algorithm from optimizing the threshold(s).
State
Display
Description
Corrective Action
Threshold Alert
Alternates
and
The threshold(s) cannot be optimized,
but the sensor's output will still
continue to function
Cleaning/correcting the sensing
environment and/or a re-teach of the
sensor is highly recommended
Threshold Error
The threshold(s) cannot be optimized,
and the sensor's output will stop
functioning
Cleaning/correcting the sensing
environment and/or a re-teach of the
sensor is required
DF-G2 High Speed Expert™ Dual Display Fiber Amplifier with IO Link
P/N 193601 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com