Electronic Components Datasheet Search
  English  ▼

X  

DF-G2 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  DF-G2 Datasheet HTML 1Page - Banner Engineering Corp. DF-G2 Datasheet HTML 2Page - Banner Engineering Corp. DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TRANSMITTER
RECEIVER
Single-core fiber
Multi-core fiber
Wiring Diagrams
4
1
3
2
10-30V dc
CH1
CH2
+
–
Load
Load
Figure 2. Channel 1 as a Push-Pull discrete output, Channel 2 as PNP
discrete output
4
1
3
2
10–30 V dc
CH1
CH2
+
–
Load
Remote
Input
Figure 3. Channel 1 as a Push-Pull discrete output, Channel 2 as
remote input
Key
1 = Brown
2 = White
3 = Blue
4 = Black
Note: Open lead wires must be connected to a terminal block.
Note: The Channel 2 wire function is user-selectable. The default is independent Light Operate (LO) PNP output. See the Remote Input
section for details regarding use as remote input or the Sync Master/Slave section for use as a synchronization output.
Top Panel Interface
Opening the dust cover provides access to the top panel interface. The top panel interface consists of the RUN/PRG/ADJ mode
switch, CH1/CH2 switch, +/SET/- rocker button, dual red/green digital displays, and output LED.
RUN/PRG/ADJ Mode Switch
The RUN/PRG/ADJ mode switch puts the sensor in RUN, PRG (Program), or ADJ (Adjust) mode.
•
RUN mode allows the sensor to operate normally and prevents unintentional programming changes via
the +/SET/- rocker button.
•
PRG mode allows the sensor to be programmed through the display-driven programming menu (see
Program Mode).
•
ADJ mode allows the user to perform Expert TEACH/SET methods and Manual Adjust (see Adjust
Mode).
CH1/CH2 Switch (Dual Output Mode)
The CH1/CH2 switch selects which output's parameters can be accessed and changed in the interface of the
display.
+/SET/- Rocker Button
The +/SET/- rocker button is a 3-way button. The +/- positions are engaged by rocking the button left/right. The
SET position is engaged by clicking down the button while the rocker is in the middle position. All three button
positions are used during PRG mode to navigate the display-driven programming menu. During ADJ mode,
SET is used to perform TEACH/SET methods and +/- are used to manually adjust the threshold(s). The rocker
button is disabled during RUN mode, except when using Window SET.
Red/Green Digital Displays
During RUN and ADJ modes, the Red display shows the signal level, and the Green display shows the
threshold or the total counts. During PRG mode, both displays are used to navigate the display-driven
programming menu.
DF-G2 High Speed Expert™ Dual Display Fiber Amplifier with IO Link
P/N 193601 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com