Electronic Components Datasheet Search
  English  ▼

X  

ACT108W Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # ACT108W
Description  AC Thyristor power switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACT108W Datasheet(HTML) 1 Page - WeEn Semiconductors

  ACT108W Datasheet HTML 1Page - WeEn Semiconductors ACT108W Datasheet HTML 2Page - WeEn Semiconductors ACT108W Datasheet HTML 3Page - WeEn Semiconductors ACT108W Datasheet HTML 4Page - WeEn Semiconductors ACT108W Datasheet HTML 5Page - WeEn Semiconductors ACT108W Datasheet HTML 6Page - WeEn Semiconductors ACT108W Datasheet HTML 7Page - WeEn Semiconductors ACT108W Datasheet HTML 8Page - WeEn Semiconductors ACT108W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ACT108W-600D
AC Thyristor power switch
21 August 2018
Product data sheet
1. General description
AC Thyristor power switch in a SOT223 surface-mountable plastic package with self-protective
capabilities against low and high energy transients
2. Features and benefits
• Common terminal on mounting base allows multiple ACTs on shared cooling pad
• Exclusive negative gate triggering
• Full cycle AC conduction
• High noise immunity
• Remote gate separates the gate driver from the effects of the load current
• Surface-mountable package
• Very sensitive gate for lowest gate trigger current
• Safe clamping of low energy over-voltage transients
• Self-protective turn-on during high energy voltage transients
3. Applications
• Fan motor circuits
• Pump motor circuits
• Lower-power highly inductive, resistive and safety loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tsp ≤ 112 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
0.8
A
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
-
8.8
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
8
A
Tj
junction temperature
-
-
125
°C
VPP
peak pulse voltage
Tj = 25 °C; non-repetitive, off-state;
Fig. 6
-
-
2
kV
Static characteristics
IGT
gate trigger current
VD = 12 V; IT = 100 mA; LD+ G-;
Tj = 25 °C; Fig. 10
0.5
-
5
mA


Similar Part No. - ACT108W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACT108W-600E NXP-ACT108W-600E Datasheet
390Kb / 13P
AC Thyristor power switch
Rev. 03-21 October 2009
ACT108W-600E PHILIPS-ACT108W-600E Datasheet
283Kb / 13P
AC Thyristor power switch
Rev. 04-9 December 2009
logo
WeEn Semiconductors
ACT108W-600E WEEN-ACT108W-600E Datasheet
233Kb / 14P
AC Thyristor power switch
ACT108W-800E WEEN-ACT108W-800E Datasheet
1Mb / 14P
AC Thyristor power switch
More results

Similar Description - ACT108W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACT108-600E NXP-ACT108-600E Datasheet
339Kb / 12P
AC Thyristor power switch
Rev. 02-21 October 2009
ACT108W-600E NXP-ACT108W-600E Datasheet
390Kb / 13P
AC Thyristor power switch
Rev. 03-21 October 2009
ACT108-600E PHILIPS-ACT108-600E Datasheet
339Kb / 12P
AC Thyristor power switch
Rev. 02-21 October 2009
ACT108W-600E PHILIPS-ACT108W-600E Datasheet
283Kb / 13P
AC Thyristor power switch
Rev. 04-9 December 2009
ACT108-600D PHILIPS-ACT108-600D Datasheet
182Kb / 12P
AC Thyristor power switch
20 August 2014
logo
WeEn Semiconductors
ACT102H-600D WEEN-ACT102H-600D Datasheet
210Kb / 13P
AC Thyristor power switch
ACT108-600E WEEN-ACT108-600E Datasheet
357Kb / 12P
AC Thyristor power switch
ACT108-800E WEEN-ACT108-800E Datasheet
358Kb / 13P
AC Thyristor power switch
ACT108W-600E WEEN-ACT108W-600E Datasheet
233Kb / 14P
AC Thyristor power switch
ACT108W-800E WEEN-ACT108W-800E Datasheet
1Mb / 14P
AC Thyristor power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com