Electronic Components Datasheet Search
  English  ▼

X  

ACT108W Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # ACT108W
Description  AC Thyristor power switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACT108W Datasheet(HTML) 3 Page - WeEn Semiconductors

  ACT108W Datasheet HTML 1Page - WeEn Semiconductors ACT108W Datasheet HTML 2Page - WeEn Semiconductors ACT108W Datasheet HTML 3Page - WeEn Semiconductors ACT108W Datasheet HTML 4Page - WeEn Semiconductors ACT108W Datasheet HTML 5Page - WeEn Semiconductors ACT108W Datasheet HTML 6Page - WeEn Semiconductors ACT108W Datasheet HTML 7Page - WeEn Semiconductors ACT108W Datasheet HTML 8Page - WeEn Semiconductors ACT108W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
WeEn Semiconductors
ACT108W-600D
AC Thyristor power switch
ACT108W-600D
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
3 / 14
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state
voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tsp ≤ 112 °C; Fig. 1; Fig. 2;
Fig. 3
-
0.8
A
full sine wave; Tj(init) = 25 °C; tp = 16.7 ms
-
8.8
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C; tp = 20 ms;
Fig. 4; Fig. 5
-
8
A
I2t
I2t for fusing
tp = 10 ms; SIN
-
0.32
A²s
dIT/dt
rate of rise of on-state
current
IG = 10 mA
-
50
A/µs
IGM
peak gate current
t = 20 μs
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
VPP
peak pulse voltage
Tj = 25 °C; non-repetitive, off-state; Fig. 6
-
2
kV
003aac803
0.4
0.6
0.2
0.8
1.0
Ptot
(W)
0
IT(RMS) (A)
0
1
0.8
0.4
0.6
0.2
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
2.816
1.967
1.570
1.329
1.110
α
Tsp(max)
(°C)
120
90
60
30
α = 180°
°
°
°
°
125
122
119
116
113
110
α = conduction angle
a = form factor = IT(RMS) / IT(AV)
Fig. 1. Total power dissipation as a function of RMS on-state current; maximum values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com