Electronic Components Datasheet Search
  English  ▼

X  

ACT108W Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # ACT108W
Description  AC Thyristor power switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACT108W Datasheet(HTML) 2 Page - WeEn Semiconductors

  ACT108W Datasheet HTML 1Page - WeEn Semiconductors ACT108W Datasheet HTML 2Page - WeEn Semiconductors ACT108W Datasheet HTML 3Page - WeEn Semiconductors ACT108W Datasheet HTML 4Page - WeEn Semiconductors ACT108W Datasheet HTML 5Page - WeEn Semiconductors ACT108W Datasheet HTML 6Page - WeEn Semiconductors ACT108W Datasheet HTML 7Page - WeEn Semiconductors ACT108W Datasheet HTML 8Page - WeEn Semiconductors ACT108W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
WeEn Semiconductors
ACT108W-600D
AC Thyristor power switch
ACT108W-600D
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
2 / 14
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VD = 12 V; IT = 100 mA; LD- G-;
Tj = 25 °C; Fig. 10
0.5
-
5
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 12
-
-
20
mA
VT
on-state voltage
IT = 1.1 A; Tj = 25 °C; Fig. 13
-
-
1.3
V
VCL
clamping voltage
ICL = 0.1 mA; tp = 1 ms; Tj ≤ 125 °C;
Fig. 14
650
-
-
V
Dynamic charateristics
dVD/dt
rate of rise of off-state
voltage
VDM = 402 V; Tj = 125 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit; Fig. 15
300
-
-
V/µs
dIcom/dt
rate of change of
commutating current
VD = 400 V; Tj = 125 °C; IT(RMS) = 1 A;
dVcom/dt = 15 V/µs; gate open circuit;
Fig. 16; Fig. 17
0.15
-
-
A/ms
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
LD
load
2
CM
common
3
G
gate
4
CM
common
1
3
2
4
SC-73 (SOT223)
001aaj924
G
CM
LD
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
ACT108W-600D
SC-73
plastic surface-mounted package with increased heatsink; 4
leads
SOT223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com