Electronic Components Datasheet Search
  English  ▼

X  

ACT108W Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # ACT108W
Description  AC Thyristor power switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACT108W Datasheet(HTML) 4 Page - WeEn Semiconductors

  ACT108W Datasheet HTML 1Page - WeEn Semiconductors ACT108W Datasheet HTML 2Page - WeEn Semiconductors ACT108W Datasheet HTML 3Page - WeEn Semiconductors ACT108W Datasheet HTML 4Page - WeEn Semiconductors ACT108W Datasheet HTML 5Page - WeEn Semiconductors ACT108W Datasheet HTML 6Page - WeEn Semiconductors ACT108W Datasheet HTML 7Page - WeEn Semiconductors ACT108W Datasheet HTML 8Page - WeEn Semiconductors ACT108W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WeEn Semiconductors
ACT108W-600D
AC Thyristor power switch
ACT108W-600D
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
4 / 14
10-2
10-1
1
10
0
1
2
3
surge duration (n)
IT(RMS)
(A)
003aac822
f = 50 Hz
Tsp = 112 °C
Fig. 2. RMS on-state current as a function of surge
duration; maximum values
003aac807
0
0.2
0.4
0.6
0.8
1
- 50
0
50
100
150
Tsp(°C)
IT(RMS)
(A)
Fig. 3. RMS on-state current as a function of solder
point temperature; maximum values
003aac804
0
2
4
6
8
10
1
10
102
103
number of cycles
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
1/f
f = 50 Hz
Fig. 4. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com