Electronic Components Datasheet Search
  English  ▼

X  

ACT108W Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # ACT108W
Description  AC Thyristor power switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACT108W Datasheet(HTML) 5 Page - WeEn Semiconductors

  ACT108W Datasheet HTML 1Page - WeEn Semiconductors ACT108W Datasheet HTML 2Page - WeEn Semiconductors ACT108W Datasheet HTML 3Page - WeEn Semiconductors ACT108W Datasheet HTML 4Page - WeEn Semiconductors ACT108W Datasheet HTML 5Page - WeEn Semiconductors ACT108W Datasheet HTML 6Page - WeEn Semiconductors ACT108W Datasheet HTML 7Page - WeEn Semiconductors ACT108W Datasheet HTML 8Page - WeEn Semiconductors ACT108W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
WeEn Semiconductors
ACT108W-600D
AC Thyristor power switch
ACT108W-600D
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
5 / 14
10 -5
10 -4
10 -3
10 -2
10 -1
1
10
102
103
tp (s)
ITSM
(A)
I T
Tj(init) = 25 °C max
I TSM
T
t
003aac805
tp ≤ 20 ms
Fig. 5. Non-repetitive peak on-state current as a function of pulse width; maximum values
003aad077
L
R
150 Ω
5 µH
2 Ω
220 Ω
RG
Surge Generator
Surge pulse
IEC 61000-4-5 Standards
RGen
Open Circuit Voltage
DUT
Load Model
1.2 µs/50 µs waveform
Fig. 6. Test circuit for inductive and resistive loads with conditions equivalent to IEC 61000-4-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com