Electronic Components Datasheet Search
  English  ▼

X  

THS6007IPWP Datasheet(PDF) 8 Page - Texas Instruments

Part # THS6007IPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007IPWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6007IPWP Datasheet HTML 4Page - Texas Instruments THS6007IPWP Datasheet HTML 5Page - Texas Instruments THS6007IPWP Datasheet HTML 6Page - Texas Instruments THS6007IPWP Datasheet HTML 7Page - Texas Instruments THS6007IPWP Datasheet HTML 8Page - Texas Instruments THS6007IPWP Datasheet HTML 9Page - Texas Instruments THS6007IPWP Datasheet HTML 10Page - Texas Instruments THS6007IPWP Datasheet HTML 11Page - Texas Instruments THS6007IPWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 15 V
±13.8 ±14.1
V
VICR
Common-mode input voltage range
VCC = ± 5 V
±3.8
±3.9
V
CMRR
Common mode rejection ratio
VCC = ± 15 V,
VICR = ± 12 V,
TA = full range
78
93
dB
CMRR
Common mode rejection ratio
VCC = ± 5 V,
VICR = ± 2 V,
TA = full range
84
90
dB
RI
Input resistance
1
M
Ω
CI
Input capacitance
1.5
pF
NOTE: Full range = – 40
°C to 85°C
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
RL = 250 Ω
±12 ±13.6
V
VO
Output voltage swing
VCC = ± 5 V
RL = 150 Ω
±3.4
±3.8
V
VO
Output voltage swing
VCC = ± 15 V
RL =1kΩ
±13 ±13.8
V
VCC = ± 5 V
RL = 1 kΩ
±3.5
±3.9
V
IO
Output current†
VCC = ± 15 V
RL =20 Ω
65
85
mA
IO
Output current†
VCC = ± 5 V
RL = 20 Ω
50
70
mA
ISC
Short-circuit current†
VCC = ± 15 V
100
mA
RO
Output resistance
Open loop
13
Ω
† Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ± 15 V
TA = 25°C
3.4
4.2
ICC
Supply current (per amplifier)
VCC = ± 15 V
TA = full range
5
mA
ICC
Supply current (per amplifier)
VCC = ± 5V
TA = 25°C
2.9
3.7
mA
VCC = ± 5 V
TA = full range
4.5
PSRR
Power supply rejection ratio
VCC = ± 5 V or ± 15 V
TA = full range
79
90
dB
NOTE: Full range = – 40
°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com