Electronic Components Datasheet Search
  English  ▼

X  

THS6007IPWP Datasheet(PDF) 1 Page - Texas Instruments

Part # THS6007IPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007IPWP Datasheet(HTML) 1 Page - Texas Instruments

  THS6007IPWP Datasheet HTML 1Page - Texas Instruments THS6007IPWP Datasheet HTML 2Page - Texas Instruments THS6007IPWP Datasheet HTML 3Page - Texas Instruments THS6007IPWP Datasheet HTML 4Page - Texas Instruments THS6007IPWP Datasheet HTML 5Page - Texas Instruments THS6007IPWP Datasheet HTML 6Page - Texas Instruments THS6007IPWP Datasheet HTML 7Page - Texas Instruments THS6007IPWP Datasheet HTML 8Page - Texas Instruments THS6007IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ADSL Differential Line Driver and Receiver
D Driver Features
– 140 MHz Bandwidth (–3dB) With
25-
Ω Load
– 1300 V/
µs Slew Rate, G = 5
– 400 mA Output Current Minimum Into
25-
Ω Load
– –72 dBc 3rd Order Harmonic Distortion
at f = 1 MHz, 25-
Ω Load, and 20 VO(PP)
D Receiver Features
– 175 MHz Bandwidth (–3dB)
– 230 V/
µs Slew Rate
– – 79 dBc Total Harmonic Distortion at
f = 1 MHz, RL 1 kΩ
– Quiescent Current = 3.4 mA Per Channel
D Wide Supply Range ±4.5 V to ±16 V
D Available in the PowerPAD™ Package
description
The THS6007 contains two high-current, high-speed drivers and two low-power, high-speed receivers. These
drivers and receivers can be configured differentially for driving and receiving signals over low-impedance lines.
The THS6007 is ideally suited for asymmetrical digital subscriber line (ADSL) applications where it supports
the high-peak voltage and current requirements of that application. The drivers are current feedback amplifiers
designed for the high slew rates necessary to support low total harmonic distortion (THD) in ADSL applications.
The receivers are traditional voltage feedback amplifiers designed for maximum flexibility while consuming only
3.4 mA per channel quiescent current. Separate power supply connections for each driver and both receivers
are provided to minimize crosstalk.
The THS6007 is packaged in the patented PowerPAD
™ package. This package provides outstanding thermal
characteristics in a small footprint package, which is fully compatible with automated surface-mount assembly
procedures. The exposed thermal pad on the underside of the package is in direct contact with the die. By simply
soldering the pad to the PWB copper and using other thermal outlets, the heat is conducted away from the
junction.
AVAILABLE OPTIONS
PACKAGED DEVICE
EVALUATION
TA
PowerPAD
™ TSSOP†
(PWP)
EVALUATION
MODULE
0
°C to 70°C
THS6007CPWP
THS6007EVM
–40
°C to 85°C
THS6007IPWP
† The PWP packages are available taped and reeled. Add an R suffix to the device type (i.e.,
THS6007PWPR)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R1 OUT
R1 IN–
R1 IN+
NC
NC
R VCC–
D VCC–
D1 OUT
NC
D VCC+
D1 IN+
D1 IN–
NC
NC
R VCC+
R2 OUT
R2 IN–
R2 IN+
NC
NC
D VCC–
D2 OUT
NC
D VCC+
D2 IN+
D2 IN–
NC
NC
PWP PACKAGE
(TOP VIEW)
NC – No internal connection
CAUTION: The THS6007 provides ESD protection circuitry. However, permanent damage can still occur if this device is subjected
to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance degradation or loss
of functionality.


Similar Part No. - THS6007IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6007IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com