Electronic Components Datasheet Search
  English  ▼

X  

THS6007IPWP Datasheet(PDF) 12 Page - Texas Instruments

Part # THS6007IPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007IPWP Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS6007IPWP Datasheet HTML 8Page - Texas Instruments THS6007IPWP Datasheet HTML 9Page - Texas Instruments THS6007IPWP Datasheet HTML 10Page - Texas Instruments THS6007IPWP Datasheet HTML 11Page - Texas Instruments THS6007IPWP Datasheet HTML 12Page - Texas Instruments THS6007IPWP Datasheet HTML 13Page - Texas Instruments THS6007IPWP Datasheet HTML 14Page - Texas Instruments THS6007IPWP Datasheet HTML 15Page - Texas Instruments THS6007IPWP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (DRIVER)
Figure 14
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
10
6
2
0
8
4
12
VCC = ±15 V
VCC = ±5 V
13
Figure 15
0
SLEW RATE
vs
OUTPUT STEP
Output Step (Peak–To–Peak) – V
1500
100
20
900
5
1100
700
10
1300
500
300
VCC = ± 15V
Gain = 5
RF = 1 kΩ
RL = 25 Ω
15
+SR
–SR
Figure 16
0
SLEW RATE
vs
OUTPUT STEP
Output Step (Peak–To–Peak) – V
1000
100
5
700
1
800
600
23
900
500
300
4
VCC = ± 5V
Gain = 2
RF = 1 kΩ
RL = 25 Ω
400
200
+SR
–SR
Figure 17
10
1
100
VCC = ±15 V
TA = 25°C
In+ Noise
f – Frequency – Hz
10
100
1k
10k
100k
10
1
100
In– Noise
Vn Noise
INPUT VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
Figure 18
f – Frequency – Hz
100
1M
10M
100M
–2
–4
–6
–8
–3
–5
–7
2
0
1
–1
NORMALIZED FREQUENCY RESPONSE
vs
FREQUENCY
VCC = ±15 V
VI = 200 mV
RL = 25 Ω
Gain = 1
TA = 25°C
RF = 510 Ω
RF = 300 Ω
RF = 750 Ω
RF = 1 kΩ
500M
Figure 19
NORMALIZED FREQUENCY RESPONSE
vs
FREQUENCY
f – Frequency – Hz
100K
1M
10M
100M
–1
–3
–5
–7
–2
–4
–6
1
2
0
VCC = ±15 V
Vin = 200 mV
RL = 25 Ω
Gain = 2
TA = 25°C
–8
–10
–9
500M
RF = 470 Ω
RF = 360 Ω
RF = 620 Ω
RF = 1 kΩ
Figure 20
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
–5
–6
10M
100k
–2
–1
500M
0
3
1M
100M
1
2
–4
–3
VCC = ± 5 V
Gain = 1
RL = 25 Ω
VI = 200 mV
RF = 1 kΩ
RF = 1.5 kΩ
RF = 620 Ω
Figure 21
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
1
0
10M
100k
4
5
500M
6
9
1M
100M
7
8
2
3
VCC = ± 5 V
Gain = 2
RL = 25 Ω
VI = 200 mV
RF = 820 Ω
RF = 1.2 kΩ
RF = 510 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com