Electronic Components Datasheet Search
  English  ▼

X  

THS6007IPWP Datasheet(PDF) 19 Page - Texas Instruments

Part # THS6007IPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007IPWP Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS6007IPWP Datasheet HTML 15Page - Texas Instruments THS6007IPWP Datasheet HTML 16Page - Texas Instruments THS6007IPWP Datasheet HTML 17Page - Texas Instruments THS6007IPWP Datasheet HTML 18Page - Texas Instruments THS6007IPWP Datasheet HTML 19Page - Texas Instruments THS6007IPWP Datasheet HTML 20Page - Texas Instruments THS6007IPWP Datasheet HTML 21Page - Texas Instruments THS6007IPWP Datasheet HTML 22Page - Texas Instruments THS6007IPWP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (RECEIVER)
Figure 70
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
2-V STEP RESPONSE
t - Time - ns
VCC = ± 15 V
Gain = 2
RF = 1.2 kΩ
RL = 150 Ω
Figure 71
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
0
200
400
600
800
1000
20-V STEP RESPONSE
t - Time - ns
VCC = ± 15 V
Gain = 5
RF = 1.2 kΩ
RL = 150 Ω
Figure 72
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
0.3
0.5
0.7
0.9
1.1
1.3
1.5
–40
–20
0
20
40
60
80
100
VCC = ± 15 V
VCC = ± 5 V
Figure 73
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–40
–20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ±15 V
VCC = ± 5 V
Figure 74
3
5
7
9
11
13
15
57
9
11
13
15
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
TA=25°C
RL = 150 Ω
RL = 1 kΩ
1
3
5
7
9
11
13
15
–40
–20
0
20
40
60
80
100
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – _C
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 150 Ω
VCC = ± 15 V
RL = 1 kΩ
Figure 75
3
5
7
9
11
13
15
57
9
11
13
15
TA=25°C
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
Figure 76
Figure 77
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
57
9
11
13
15
TA=85°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC - Supply Voltage - V
TA=–40°C
TA=25°C
Figure 78
0.1
1
10
100
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
10
100k
VCC = ± 15 V and ± 5 V
TA = 25°C
VN
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com