Electronic Components Datasheet Search
  English  ▼

X  

THS6007IPWP Datasheet(PDF) 10 Page - Texas Instruments

Part # THS6007IPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007IPWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6007IPWP Datasheet HTML 6Page - Texas Instruments THS6007IPWP Datasheet HTML 7Page - Texas Instruments THS6007IPWP Datasheet HTML 8Page - Texas Instruments THS6007IPWP Datasheet HTML 9Page - Texas Instruments THS6007IPWP Datasheet HTML 10Page - Texas Instruments THS6007IPWP Datasheet HTML 11Page - Texas Instruments THS6007IPWP Datasheet HTML 12Page - Texas Instruments THS6007IPWP Datasheet HTML 13Page - Texas Instruments THS6007IPWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Peak to peak output voltage
Driver
vs Supply voltage
5
Peak-to-peak output voltage
Driver
vs Load resistance
6
VIO
Input offset voltage
Driver
vs Free-air temperature
7
IIB
Input bias current
Driver
vs Free-air temperature
8
CMMR
Common-mode rejection ratio
Driver
vs Free-air temperature
9
Driver-to-driver crosstalk
Driver
vs Frequency
10
PSSR
Power supply rejection ratio
Driver
vs Free-air temperature
11
Closed-loop output impedance
Driver
vs Frequency
12
ICC
Supply current
Driver
vs Supply voltage
13
ICC
Supply current
Driver
vs Free-air temperature
14
SR
Slew rate
Driver
vs Output step
15, 16
Vn
Input voltage and current noise
Driver
vs Frequency
17
Normalized frequency response
Driver
vs Frequency
18, 19
Output amplitude
Driver
vs Frequency
20 – 23
Normalized output response
Driver
vs Frequency
24 – 27
Small and large signal frequency response
Driver
28, 29
Single ended harmonic distortion
Driver
vs Frequency
30, 31
Single-ended harmonic distortion
Driver
vs Output voltage
32, 33
Differential gain and phase
Driver
vs DC input offset voltage
34, 35
Differential gain and phase
Driver
vs Number of 150-
Ω loads
36, 37
400-mV step response
Driver
38
10-V step response
Driver
39
20-V step response
Driver
40
Driver-to-receiver crosstalk
Receiver
vs Frequency
41
Receiver-to-driver crosstalk
Receiver
vs Frequency
42
Power supply rejection ratio
Receiver
vs Frequency
43
Open loop gain and phase response
Receiver
vs Frequency
44
Receiver-to-receiver crosstalk
Receiver
vs Frequency
45
THD
Total harmonic distortion
Receiver
vs Frequency
46, 47
Settling
Receiver
vs Output step
48
PSSR
Power supply rejection ratio
Receiver
vs Frequency
49
Distortion
Receiver
vs Output voltage
50, 51
Distortion
Receiver
vs Frequency
52 – 55
Output amplitude
Receiver
vs Frequency
56 – 67
2-V step response
Receiver
68, 70
5-V step response
Receiver
69
20-V step response
Receiver
71
VIO
Input offset voltage
Receiver
vs Free-air temperature
72
IIB
Input bias current
Receiver
vs Free-air temperature
73
VO
Output voltage
Receiver
vs Supply voltage
74
VO
Output voltage
Receiver
vs Free-air temperature
75
VICR
Common-mode input voltage
Receiver
vs Supply voltage
76
ICC
Supply current
Receiver
vs Supply voltage
77
Vn, In
Voltage and current noise
Receiver
vs Frequency
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com