Electronic Components Datasheet Search
  English  ▼

X  

THS6007IPWP Datasheet(PDF) 13 Page - Texas Instruments

Part # THS6007IPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007IPWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS6007IPWP Datasheet HTML 9Page - Texas Instruments THS6007IPWP Datasheet HTML 10Page - Texas Instruments THS6007IPWP Datasheet HTML 11Page - Texas Instruments THS6007IPWP Datasheet HTML 12Page - Texas Instruments THS6007IPWP Datasheet HTML 13Page - Texas Instruments THS6007IPWP Datasheet HTML 14Page - Texas Instruments THS6007IPWP Datasheet HTML 15Page - Texas Instruments THS6007IPWP Datasheet HTML 16Page - Texas Instruments THS6007IPWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (DRIVER)
Figure 22
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
–10
10M
100k
20
30
500M
40
70
1M
100M
50
60
Gain = 1000
0
10
VCC = ± 5 V
RG =10 Ω
RL = 25 Ω
VO = 2 V
Gain = 100
Figure 23
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
–10
10M
100k
20
30
500M
40
70
1M
100M
50
60
Gain = 1000
0
10
VCC = ± 5 V
RG =10 Ω
RL = 25 Ω
VO = 2 V
Gain = 100
Figure 24
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
500M
–3
–5
–7
–9
–4
–6
–8
–1
0
–2
1
RL = 200 Ω
RL = 100 Ω
RL = 25 Ω
VCC = ±15 V
RF = 1 kΩ
Gain = 1
VI = 200 mV
RL = 50 Ω
Figure 25
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RF = 1 kΩ
Gain = 2
VI = 200 mV
500M
–3
–5
–7
–9
–4
–6
–8
–1
0
–2
1
RL = 200 Ω
RL = 100 Ω
RL = 50 Ω
RL = 25 Ω
Figure 26
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RL = 100 Ω
Gain = 1
VI = 200 mV
500M
–1
–3
–5
–7
–2
–4
–6
1
2
0
3
RF = 620 Ω
RF = 820 Ω
RF = 1 kΩ
Figure 27
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RL = 100 Ω
Gain = 2
VI = 200 mV
500M
–1
–3
–5
–2
–4
–6
1
2
0
3
RF = 430 Ω
RF = 1 kΩ
RF = 620 Ω
Figure 28
f – Frequency – Hz
SMALL AND LARGE SIGNAL
FREQUENCY RESPONSE
–27
–30
10M
100k
–18
–15
500M
–12
–3
1M
100M
–9
–6
VI = 500 mV
–24
–21
Gain = 1
VCC = ± 15 V
RF = 820 Ω
RL = 25 Ω
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
Figure 29
f – Frequency – Hz
SMALL AND LARGE SIGNAL
FREQUENCY RESPONSE
–21
–24
10M
100k
–12
–9
500M
–6
3
1M
100M
–3
0
VI = 500 mV
–18
–15
Gain = 2
VCC = ± 15 V
RF = 680 Ω
RL = 25 Ω
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
Figure 30
f – Frequency – Hz
SINGLE–ENDED HARMONIC DISTORTION
vs
FREQUENCY
–90
–100
1M
–60
100k
–80
–70
10M
–50
–40
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
Gain = 2
RF = 680 Ω
RL = 25 Ω
VO(PP) = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com