Electronic Components Datasheet Search
  English  ▼

X  

EMC1814 Datasheet(PDF) 59 Page - Microchip Technology

Part # EMC1814
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 Datasheet(HTML) 59 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 55Page - Microchip Technology EMC1814 Datasheet HTML 56Page - Microchip Technology EMC1814 Datasheet HTML 57Page - Microchip Technology EMC1814 Datasheet HTML 58Page - Microchip Technology EMC1814 Datasheet HTML 59Page - Microchip Technology EMC1814 Datasheet HTML 60Page - Microchip Technology EMC1814 Datasheet HTML 61Page - Microchip Technology EMC1814 Datasheet HTML 62Page - Microchip Technology EMC1814 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
6.10.19 External Diode Fault Status Register (Address 1bh)
Name: 
EXTERNAL DIODE FAULT STATUS
Offset: 
0x1B
Note:  The External Diode Fault register indicates which of the external diodes caused the FAULT bit in
the STATUS register to be set. This register is cleared when it is read.
Bit
7
6
5
4
3
2
1
0
E4FLT
E3FLT
E2FLT
E1FLT
Access
RC
RC
RC
RC
Reset
0
0
0
0
Bit 4 – E4FLT This bit is set if the External Diode 4 channel reported a Diode Fault.
Value
Description
1
Diode Fault condition present
0
No Diode Fault present
Bit 3 – E3FLT This bit is set if the External Diode 3 channel reported a Diode Fault.
Value
Description
1
Diode Fault condition present
0
No Diode Fault present
Bit 2 – E2FLT This bit is set if the External Diode 2 channel reported a Diode Fault.
Value
Description
1
Diode Fault condition present
0
No Diode Fault present
Bit 1 – E1FLT This bit is set if the External Diode 1 channel reported a Diode Fault.
Value
Description
1
Diode Fault condition present
0
No Diode Fault present
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com