Electronic Components Datasheet Search
  English  ▼

X  

EMC1814 Datasheet(PDF) 62 Page - Microchip Technology

Part # EMC1814
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 Datasheet(HTML) 62 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 58Page - Microchip Technology EMC1814 Datasheet HTML 59Page - Microchip Technology EMC1814 Datasheet HTML 60Page - Microchip Technology EMC1814 Datasheet HTML 61Page - Microchip Technology EMC1814 Datasheet HTML 62Page - Microchip Technology EMC1814 Datasheet HTML 63Page - Microchip Technology EMC1814 Datasheet HTML 64Page - Microchip Technology EMC1814 Datasheet HTML 65Page - Microchip Technology EMC1814 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
6.10.21 Consecutive Alert Register (Address 22h)
Name: 
CONSEC ALERT
Offset: 
0x22
Bit
7
6
5
4
3
2
1
0
TMOUT
CTHRM[2:0]
CALRT[2:0]
Access
RW
RW
RW
RW
RW
RW
RW
Reset
0
1
1
1
0
0
0
Bit 7 – TMOUT  Enables the time-out and idle functionality of the I2C protocol.
Value
Description
1
The I2C time-out and idle functionality are enabled. The I2C interface will time-out if the clock
line is held low for longer than 30 ms. Likewise, it will reset if both the data and clock lines
are held high for longer than 200 µs.
0
The I2C time-out and idle functionality are disabled. The I2C interface will not time-out if the
clock line is held low for longer than 30 ms. Likewise, it will not reset if both the data and
clock lines are held high for longer than 200 µs. This is used for I2C compliance.
Bits 6:4 – CTHRM[2:0]  Determines the number of consecutive measurements that must exceed the
corresponding Therm Limit before the THERM pin is asserted.
Value
Description
000
1
001
2
011
3
111
4
Bits 3:1 – CALRT[2:0]  Determines the number of consecutive measurements that must exceed the
corresponding Therm Limit before the ALERT pin is asserted.
Value
Description
000
1
001
2
011
3
111
4
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com