Electronic Components Datasheet Search
  English  ▼

X  

EMC1814 Datasheet(PDF) 6 Page - Microchip Technology

Part # EMC1814
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 Datasheet(HTML) 6 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 2Page - Microchip Technology EMC1814 Datasheet HTML 3Page - Microchip Technology EMC1814 Datasheet HTML 4Page - Microchip Technology EMC1814 Datasheet HTML 5Page - Microchip Technology EMC1814 Datasheet HTML 6Page - Microchip Technology EMC1814 Datasheet HTML 7Page - Microchip Technology EMC1814 Datasheet HTML 8Page - Microchip Technology EMC1814 Datasheet HTML 9Page - Microchip Technology EMC1814 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
1.
Electrical Characteristics
1.1
Absolute Maximum Ratings
VDD
4.0V
Voltage at all Input/Output Pins
GND – 0.3V to 4.0V
Storage Temperature
–65°C to +150°C
Ambient Temperature with Power Applied
–40°C to +125°C
Junction Temperature (TJ)
+150°C
ESD Protection on All Pins (HBM:MM)
(8 kV:400V)
Latch-Up Current at Each Pin (+25°C)
±200 mA
Note:  Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other
conditions above those indicated in the operation listings of this specification is not implied. Exposure
above maximum rating conditions for extended periods may affect device reliability.
Table 1-1. DC Characteristics
Electrical Specifications: Unless otherwise specified, all limits apply for typical values at ambient
temperature
1.62V ≤ VDD ≤ +3.6V at –40°C ≤ TA ≤ +125°C
Parameters
Sym.
Min.
Typ.
Max.
Units Conditions
Supply Voltage
VDD
1.62
—
3.6
V
Supply Current
IDD
—
20
80
µA
0.03125 conversion/second,
dynamic averaging disabled
—
25
164
µA
1 conversion/second,
dynamic averaging disabled
—
205
432
µA
4 conversions/second,
dynamic averaging disabled
—
800
—
µA
> 16 conversions/second,
dynamic averaging enabled
Standby Supply Current
IDD_OS
—
15
75
µA
Device in One-Shot state, no
active I2C communications,
ALERT and THERM pins not
asserted
Power-on Reset Release
Voltage
PORR
—
1.45
—
V
Rising VDD
Power-Up Timer
tPWRT
—
15
—
ms
VDD Rise Rate
VDD_RISE 0.05
—
V/ms 0 to 2.75V in ~ 60 ms
Multi-Channel Low-Voltage Remote Di...
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com