Electronic Components Datasheet Search
  English  ▼

X  

EMC1814 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC1814
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 8Page - Microchip Technology EMC1814 Datasheet HTML 9Page - Microchip Technology EMC1814 Datasheet HTML 10Page - Microchip Technology EMC1814 Datasheet HTML 11Page - Microchip Technology EMC1814 Datasheet HTML 12Page - Microchip Technology EMC1814 Datasheet HTML 13Page - Microchip Technology EMC1814 Datasheet HTML 14Page - Microchip Technology EMC1814 Datasheet HTML 15Page - Microchip Technology EMC1814 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
3.1
Power Supply (VDD)
This pin is used to supply power to the device.
3.2
Diode 1 Pair (DN1/DP1)
Remote Diode 1 anode (DP1) and cathode (DN1) pins.
3.3
THERM LIMIT ALERT (THERM/ADDR)
This pin asserts low when the hardware-set THERM limit threshold is exceeded by one of the
temperature sensors. The assertion of this signal cannot be controlled or masked by register setting. If
enabled, the SMBus slave address is set by the pull-up resistor on this pin.
3.4
Ground (GND)
This pin is used to ground the device.
3.5
Maskable ALERT (ALERT/THERM2)
This pin asserts when a diode temperature exceeds the ALERT threshold. This pin may be masked by
register settings.
3.6
SMBus/I2C Data (SDA)
This is the open-drain, bidirectional data pin for SMBus communication.
3.7
DP/DP1
•
DP/DP1: DP and DP1 anode
3.8
DN/DN1
•
DN/DN1: DN and DN1 cathode
3.9
DP2
•
DP2: DP2 anode
3.10
DN2
•
DN2: DN2 cathode
3.11
Anti-Parallel Diode Pair (DP2/DN3 and DN2/DP3)
•
DP2/DN3: DP2 anode and DN3 cathode
Multi-Channel Low-Voltage Remote Di...
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com