Electronic Components Datasheet Search
  English  ▼

X  

EMC1814 Datasheet(PDF) 63 Page - Microchip Technology

Part # EMC1814
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 Datasheet(HTML) 63 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 59Page - Microchip Technology EMC1814 Datasheet HTML 60Page - Microchip Technology EMC1814 Datasheet HTML 61Page - Microchip Technology EMC1814 Datasheet HTML 62Page - Microchip Technology EMC1814 Datasheet HTML 63Page - Microchip Technology EMC1814 Datasheet HTML 64Page - Microchip Technology EMC1814 Datasheet HTML 65Page - Microchip Technology EMC1814 Datasheet HTML 66Page - Microchip Technology EMC1814 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
6.10.22 Ext(n) Beta Compensation Configuration Register (Address 25h and 26h)
Name: 
EXTn BETA CONFIG
Offset: 
0x25, 0x26
Bit
7
6
5
4
3
2
1
0
ENBL(N)
BETA(N)[3:0]
Access
RW
RO
RO
RO
RO
Reset
0
0
0
0
0
Bit 4 – ENBL(N) Enables the Beta Compensation factor auto-detection function. X = 1 or 2, depending
on the device.
Value
Description
1
Auto-Beta detection for External Diode x is enabled
0
Auto-Beta detection for External Diode x is disabled
Bits 3:0 – BETA(N)[3:0] These bits always reflect the current beta configuration settings.
If auto-detection circuitry is enabled, these bits will be updated automatically and writing to these bits will
have no effect. See Table 5-6 for details.
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com