Electronic Components Datasheet Search
  English  ▼

X  

EMC1814 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC1814
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 7Page - Microchip Technology EMC1814 Datasheet HTML 8Page - Microchip Technology EMC1814 Datasheet HTML 9Page - Microchip Technology EMC1814 Datasheet HTML 10Page - Microchip Technology EMC1814 Datasheet HTML 11Page - Microchip Technology EMC1814 Datasheet HTML 12Page - Microchip Technology EMC1814 Datasheet HTML 13Page - Microchip Technology EMC1814 Datasheet HTML 14Page - Microchip Technology EMC1814 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
3.
Pin Descriptions
The EMC1812/13/14/15/33 family has five variants that include features unique to each device. Refer to
the table to determine applicability of the pin descriptions.
The description of the pins is listed in the following table:
Table 3-1. Pin Function Table
8-Lead WDFN
10-Lead VDFN
Symbol
Type Description
EMC1812 EMC1833 EMC1813 EMC1814 EMC1815
1
1
1
1
1
VDD
P
Power
2
—
2
2
—
DP, DP1
AIO Diode 1 connection
3
—
3
3
—
DN, DN1
AIO Diode 1 connection
—
—
4
—
—
DP2
AIO Diode 2 connection
—
—
5
—
—
DN2
AIO Diode 2 connection
5
5
6
6
6
GND
P
Ground
4
4
7
7
7
THERM/ADDR
OD Thermal alert
6
6
8
8
8
ALERT/
THERM2
OD I2C ALERT pin
7
7
9
9
9
SDA
OD I2C data
8
8
10
10
10
SCL
OD I2C clock
—
—
—
4
—
DP2/DN3
AIO Diode 2/3 connection
—
—
—
5
—
DN2/DP3
AIO Diode 2/3 connection
—
2
—
—
2
DP1/DN2
AIO Diode 1/2 connection
—
—
—
—
4
DP3/DN4
AIO Diode 3/4 connection
—
—
—
—
5
DN3/DP4
AIO Diode 3/4 connection
—
3
—
—
3
DN1/DP2
AIO Diode 1/2 connection
9
9
11
11
11
EP
P
Exposed Thermal Pad
The pin types are described in the following table:
Table 3-2. Pin Types
Pin Type
Description
AIO
Analog Input/Output. This pin is used as an I/O for analog signals.
OD
Open-Drain Digital Output. This pin is used as a digital output. It is open-drain and
requires a pull-up resistor.
P
This pin is used to supply power or ground to the device.
Multi-Channel Low-Voltage Remote Di...
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com