Electronic Components Datasheet Search
  English  ▼

X  

LS1022A Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 28Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 29Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 30Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 31Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 32Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 33Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 34Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 35Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-17
2.12.1
IFC chip select
IFC chip select signals are assigned in Table 2-11:
NOTE
IFC CS2 and CS3 are multiplexed with I2C3 SCL and SDA, the selection is
done in CPLD.
2.12.2
Memory map
Memory addresses are defined by software and rearranged externally by the “cfg_lbmap” functions, there
are many possible memory maps. The default memory map shown in Table 2-12 reflects selecting the first
line in Table 2-11 (with NOR flash as the boot device).
2.12.3
Virtual banks
As noted earlier, the “virtual bank” feature is available when the NOR flash is selected as the device
connected to IFC_CS0_B. In that case, the value will be divided into two banks of XOR gates, which
toggle the MSB’s of the NOR address, as shown in Figure 2-12.
Figure 2-12. NORFlash virtual bank address XOR
Table 2-11. IFC chip select mapping
Device
NOR
Flash
CPLD
ELEV
-C78 pin
ELEV
-C77 pin
ELEV
-C76 pin
CS mapping
CS0
CS1
CS1
CS2
CS3
Table 2-12. IFC 32b address mapping
32b Address Range
Size
Device
IFC_CS
Description
0x8000_0000 - 0xBFFF_FFFF
1GB
DDR DRAM
-
0x0100_0000 - 0x0FFF_FFFF
240MB
CCSR Space
-
0x7FB0_0000 - 0x7FB0_FFFF
64KB
CPLD Registers
1
0x6000_0000 - 0x67FF_FFFF
128MB
3.3V NOR Flash
0
Note: This address is only valid if boot software opts to implement it - check software documentation for actual
memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com