Electronic Components Datasheet Search
  English  ▼

X  

LS1022A Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 59Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 60Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 61Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 62Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 64Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 65Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 66Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
4-6
Freescale Semiconductor
0x08
R/W
GPIO for TWR-ELEV
Bit [0]: ELEV_GPIO_B51
Bit [1]: ELEV_GPIO05_B52
Bit [2]: ELEV_GPIO22_D43
Bit [3]: ELEV_GPIO25_C9
Bit [4]: ELEV_GPIO06_A35
Bit [5]: ELEV_GPIO07_A11
Bit [6]: ELEV_GPIO04_B35
Bit [7]: ELEV_GPIO02_B22
gpio
0x00
0x09
R/W
I2C3 and IFC CS Selection Register
Bit [0]: 0 I2C3 (default)
1 IFC_CS2_B and IFC_CS3_B
Bit [7:1]: Reserved
i2c3_ifc_mux
0x00
0x0A
R/W
SPI2 and LPUART/LCD Selection Register
Bit [0]: 0 SPI2
1 LPUART1/LCD
Bit [7:1]: Reserved
mux_spi2
RCW (selected
by
SW3[6]-MUX_S
EL)
0x0B
R/W
CAN3 and USB2 Selection Register
Bit [0]: 0 USB2
1 CAN3 (default)
Bit [7:1]: Reserved
can3_usb2_mux 0x01
0x0C
R/W
QE and LCD Selection Register
Bit [0]: 0 LCD
1 QE
Bit [7:1]: Reserved
qe_lcd_mux
RCW (selected
by
SW3[6]-MUX_S
EL)
0x0D
R/W
Multiplexed pins for SerDes Lanes Register
Bit [0]: MUX_SATA_SGMII1
0 lane B to SATA
1 lane B to SGMII1a
Bit [1]: MUX_PCIE2_SGMII1
0 lane C to SGMII1b
1 MPCIE2
Bit [2]: MUX_PCIELN2_SGMII2
0 lane D to PCIE 2nd Lane
1 lane D to SGMII2
Bit [3]: MUX_SGMII1a_SGMII1b
0 SGMII1 from lane C
1 SGMII1 from lane B
Bit [7:4]: Reserved
serdes_mux
RCW (selected
by
SW3[6]-MUX_S
EL)
0x0E
R/W
Writing this register to reset system with
initializing the CPLD registers to default
values
Bit [0]: 0 system running(Default)
1 system reset
Bit [7:1]: Reserved
global_rst
0x00
Table 4-3. CPLD BCSR register detail map
Base Address
Offset
Access
Type
Description
Register Name
Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com