Electronic Components Datasheet Search
  English  ▼

X  

LS1022A Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 51Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 52Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 53Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 54Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 55Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 56Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 57Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 58Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
Tower Elevator Connections
TWR-LS1021A Reference Manual, Rev. 0
3-12
Freescale Semiconductor
3.2.6
TWR-LCD-RGB
The TWR-L
CD-RGB features a 4.3” WQVGA TFT LCD Display (480H x 272 V pixels, 24-bit RGB (8-bit
per signal)) with touch sensitive overlay. The LCD interfaces to the Tower System through a 24-bit RGB
interface. The 4-wire resistive touch overlay can interface directly with a compatible Tower Processor
Module using GPIO enabled ADC lines, or can offload the resistive touch sensing to the on-board Xtrinsic
Touch Sensing Platform (CRTouch). CPLD translate from FDI 2-bits to 1-bit.
IFC
EBI_AD15
B66 FB_AD15
EBI Bus
EBI_AD14
A66 FB_AD14
EBI_AD13
A67 FB_AD13
EBI_AD12
A68 FB_AD12
EBI_AD11
A69 FB_AD11
EBI_AD10
A70 FB_AD10
EBI_AD9
A71 FB_AD9
EBI_AD8
A72 FB_AD8
EBI_AD7
A73 FB_AD7
EBI_AD6
A74 FB_AD6
EBI_AD5
A75 FB_AD5
EBI_AD4
A76 FB_AD4
EBI_AD3
A77 FB_AD3
EBI_AD2
A78 FB_AD2
EBI_AD1
A79 FB_AD1
EBI_AD0
A80 FB_AD0
EBI_R/W_B
B71 FB_R/W_B
EBI_AD16
B67 JM_DC
SPI2
SPI0_MISO
B44 JM_MISO
SPI
SPI0_MOSI
B45 JM_MOSI
SPI0_CLK
B48 KM_SCK
SPI0_CS0_B B46
SPI0_CS1_B B47 JM_CSn
AN4
B30 XPLS
Touch panel
AN5
B29 YMNS
AN6
B28 XMNS
AN7
B27 YPLS
Table 3-8. Signal connections between TWR-LCD and TWR-LS1021A
LS1021A
TWR-ELEV
TWR-LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com