Electronic Components Datasheet Search
  English  ▼

X  

LS1022A Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 12Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 13Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 14Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 15Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 16Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 17Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 18Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 19Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-1
Chapter 2
Architecture
The TWR-LS1021A architectures are primarily determined by the processor, and by the need to evaluate
as many of its features as possible, maximizing testability without impacting the ability to deliver an easily
usable off-the-shelf software development platform.
Table 2-1 lists the major functional blocks of each processor and the associated circuitry for evaluating
them. Included is a reference to specific board-related setup and programming instructions.
Table 2-1. Processor functional blocks
Signal Group
Details
Configuration
Processor
Section 2.1, “Processor”n/a
Power
Section 2.2, “Power”n/a
Deep Sleep Control
Section 2.3, “Deep sleep control”n/a
Reset
Section 2.4, “Reset”n/a
Configuration
Section 2.5, “Device configuration”n/a
Clock
Section 2.6, “Clocks”n/a
Memory Controllers
Section 2.7, “Memory controllers”n/a
SerDes Ports
Section 2.8, “SerDes port”
Section 2.8.4, “SerDes configuration and setup”
Ethernet
Section 2.9, “Ethernet controllers”n/a
EMI Ports
Section 2.10, “Ethernet management interface”n/a
IEEE 1588
Section 2.10.1, “IEEE-1588™ support”n/a
USB
Section 2.11, “USB interface”
Section 2.11.1, “USB configuration and setup”
Local Bus
Section 2.12, “Local bus”n/a
DIU
Section 2.13, “2D ACE - Display Controller Port
n/a
I2C
Section 2.14, “I2C”n/a
SPI
Section 2.15, “SPI interface”
Section 2.15.1, “SPI configuration and setup”
SDHC
Section 2.16, “SDHC interface”n/a
Interrupts
Section 2.17, “Interrupt controller”n/a
UART
Section 2.18, “Serial ports”
Section 2.18.1, “UART configuration and setup”
Audio
Section 2.19, “Audio port”n/a
JTAG Port
Section 2.20, “JTAG port”n/a
GPIO
Section 2.21, “GPIO pins”n/a
LEDs
Section 2.22, “Monitoring LEDs”n/a
MBED
Section 2.23, “MBED”n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com