Electronic Components Datasheet Search
  English  ▼

X  

LS1022A Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 58Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 59Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 60Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 61Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 62Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 64Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 65Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
4-5
0x04
R/W
CPLD override physical switches Enable
Register
Bit [0]: RCW Source Location control
(Register 0x05 and 0x06 cfg_rcw_src)
output enable
0 Disable (Default)
1 Enable
Bit [1]: I2C3/IFC_CS2/CS3_B (Register
0x09 bit[0]) output enable
0 Disable (Default)
1 Enable
Bit [2]: SPI2/LPUART and LCD (Register
0x0A bit[0]) output enable
0 Disable (Default)
1 Enable
Bit [3]: CAN3/USB2 Interface Selection
(Register 0x0B bit[0]) output enable
0 Disable (Default)
1 Enable
Bit [4]: LCD/QE Selection (Register 0x0C
bit[0]) output enable
0 Disable (Default)
1 Enable
Bit [5]: SerDes Lane mux Selection (Register
0x0d bit[0:3]) output enable
0 Disable (Default)
1 Enable
Bit [6]: Flash bank selection (Register 0x07
vbank) output enable
0 Disable (Default)
1 Enable
Bit[7]: ELEV connector EBI_CS0 selection
(Register 0x0F bit[0:2]) output enable
0 Disable (Default)
1 Enable
soft_mux_on1
0x00
0x05
R/W
POR RCW source location Control/Status
Register
Bit [0:7]: cfg_rcw_src[0:7]
cfg_rcw_src1
Actual pins
status of
cfg_rcw_src[0:7]
on POR
0x06
R/W
POR RCW source location Control/Status
Register
Bit [0]: cfg_rcw_src[8]
cfg_rcw_src2
Actual pin status
of
cfg_rcw_src[8]
on POR
0x07
R/W
Flash bank selection Control Register
Bit [0]: 0 upper bank (bank0) for booting
1 lower bank (bank1) for booting
Bit [7:1]: Reserved
vbank
SW3[5]-BANK_
SEL
Table 4-3. CPLD BCSR register detail map
Base Address
Offset
Access
Type
Description
Register Name
Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com