Electronic Components Datasheet Search
  English  ▼

X  

LS1022A Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 60Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 61Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 62Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 64Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 65Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 66Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 67Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
4-7
4.4
LCD FDI translator
The LCD interfaces to the Tower System or HDMI Transmitter (SiI9022A) through a 24-bit RGB
interface, 8-bit R, 8-bit G, and 8-bit B. Need to translate LCD signals from FDI 2-bits to 1-bit.
Figure 4-3 shows the timing for LCD FDI translation.
0x0F
R/W
ELEV Connector EBI_CS0 select Register
Bit[2:0] 001 from IFC_CS0
010 from IFC_CS2
100 from IFC_CS3
Bit[7:3] Reserved
elev_cs
0x00
0x10
R
LVDD level on the board
Bit[0] 0 3.3V
1 2.5V
Bit[7:1] Reserved
lvdd_vsel
SW2[6] -
LVDD_VSEL
0x11
R/W
CPLD override physical switches Enable
Register
Bit[0] NOR Flash/QSPI selection
(Register 0x12
Bit[0]) output enable
0 Disable (Default)
1 Enable
Bit[7:1] Reserved
soft_mux_on2
0x00
0x12
R/W
NOR Flash or QSPI selection Register
1 NOR Flash
Bit[7:1] Reserved
nor_qspi_mux
SW2[5] -
NOR_QSPI_SE
L
Bit[0] 0 QSPI
Table 4-3. CPLD BCSR register detail map
Base Address
Offset
Access
Type
Description
Register Name
Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com