Electronic Components Datasheet Search
  English  ▼

X  

FFB3946D Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FFB3946D
Description  Dual General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3946D Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FFB3946D Datasheet HTML 3Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 8Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 9Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 10Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 11Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TYPICALELECTRICALCHARACTERISTICS
(NPN)
Figure 15. DC Current Gain
IC , COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0
5
0
1
0
.
3
0
.
2
5
.
0
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0 7.0
VCE= 1.0 V
TJ = +125 C
+25 C
-55 C
(NPN)
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0
.
7
0
.
5
7
.
0
IC = 1.0 mA
TJ = 25
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
(NPN)
Figure 17. "ON" V oltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
Figure 18. Temperature Coefficients
IC , COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
-0.5
0
0.5
1.0
0
60
80
120 140 160
180
20
40
100
200
-1.0
-1.5
-2.0
200
TJ = 25
VBE(sat) @IC/IB=10
VCE(sat)@ IC/IB=10
VBE@ VCE=1.0V
+25 C TO +125 C
-55 C TO+25 C
+25 C TO +125 C
-55 C TO +25 C
θVC FOR VCE(sat)
FOR V BE(sat)
(NPN)
(NPN)
C
C
θVB
2008. 03. 10
7/12
FFB3946D
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com