Electronic Components Datasheet Search
  English  ▼

X  

FFB3946D Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FFB3946D
Description  Dual General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3946D Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FFB3946D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 8Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 9Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 10Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 11Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TYPICALELECTRICALCHARACTERISTICS
(PNP)
Figure 19. Delay and Rise T ime
Equivalent Test Circuit
Figure 20. Storage and Fall T
ime
Equivalent Test Circuit
3 V
275
10 k
1N916
Cs < 4 pF*
3 V
275
10 k
Cs < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1< 500 s
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
Figure 21. Capacitance
REVERSE BIAS (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 22. Charge Data
IC , COLLECTOR CURRENT (mA)
5000
1.0
VCC= 40 V
IC/IB= 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0 5.0 7.0 10
20 30 50 70 100
200
1.0
2.0 3.0 5.07.0 10
20 30 40
0.2 0.3 0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25 C
TJ = 125 C
(PNP)
(PNP)
Figure 23. Turn
-On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
Figure 24. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30 50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30 50
200
10
30
7
20
VCC= 40 V
IB1= IB2
IC/IB= 20
IC/IB= 10
IC/IB= 10
tr@ VCC= 3.0 V
td@ VOB= 0V
40 V
15 V
2.0 V
(PNP)
(PNP)
2008. 03. 10
8/12
FFB3946D
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com