Electronic Components Datasheet Search
  English  ▼

X  

FFB3946D Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FFB3946D
Description  Dual General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3946D Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FFB3946D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 8Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 9Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 10Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 11Page - First Silicon Co., Ltd FFB3946D Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TYPICALELECTRICALCHARACTERISTICS
(PNP)
TYPICAL AUDIO SMALL±SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = ±5.0 Vdc, T A = 25˚C, Bandwidth = 1.0 Hz)
Figure 25.
f, FREQUENCY (kHz)
2.0
3.0
4.0
5.0
1.0
0.1
Figure 26.
Rg, SOURCE RESISTANCE (k OHMS)
0
1.0 2.0 4.0
10
20
40
0 2 0.4
0
100
4
6
8
10
12
2
0.1
1.0 2.0
4.0
10
20
40
0.2 0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0 5 mA
IC =50 µA
IC =100 µA
SOURCE RESISTANCE = 200
IC = 1.0 mA
SOURCE RESISTANCE = 200
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC= 100 µA
SOURCE RESIST ANCE = 2.0 k
IC = 50 µA
(PNP)
(PNP)
h PARAMETERS
(VCE = ±10 Vdc, f = 1.0 kHz, T A = 25˚C)
Figure 27. Current Gain
IC , COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 28. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 29. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 30. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0 2
1.0
2.0
5.0
0.5
10
0.3
0 5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
7
5
0 1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
70
30
0.7
7.0
0.7
7.0
7.0
3.0
0.7
0.3
0.7
7.0
0.7
7.0
(PNP)
(PNP)
(PNP)
(PNP)
2008. 03. 10
9/12
FFB3946D
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com