Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT32 Datasheet HTML 1Page - Catalyst Semiconductor CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT32
5
Doc No. 5001, Rev. AC
TYPICAL CHARACTERISTICS
VIN=3.6V,TAMB=25˚C, CIN=4.7
µF, COUT=1µF, L=6.8µH, unless otherwise specified.
Switch Resistance vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
INPUT VOLTAGE [V]
Switch Resistance vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
VIN = 3V
LED Pin Voltage vs. LED current
0
50
100
150
200
250
300
0
816
24
32
40
LED CURRENT [mA]
Vsw, IL, & Vout Signal Waveforms
VIN = 3.7V with 15mA load through 4 LEDs
Efficiency vs. Input Voltage
60
65
70
75
80
85
23
4
5
6
INPUT VOLTAGE [V]
4 LEDs at 15mA
Vout =13V
PWM on SHDN pin Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com