Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT32 Datasheet HTML 1Page - Catalyst Semiconductor CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
CAT32
CMOS White LED Driver
FEATURES
s Low quiescent ground current (0.5mA typical)
s Power efficiency over 80%
s Compatible pinout with LT1932
s Adjustable output current (up to 40mA)
s High frequency 1.2MHz operation
s Input voltage operation down to 2.0V
s Low resistance (0.5
Ω
Ω
Ω
Ω
Ω) high voltage
power switch
s Drives up to 4 White LEDs in series
s Shutdown current less than 1
µA
s Load fault protection against open-circuits
s Low value external components
s Low profile (1mm) 6-lead SOT23 and TDFN
(0.8mm) package
DESCRIPTION
The CAT32 is a DC/DC step up converter that delivers
a regulated output current. Operation at a constant
switching frequency of 1.2MHz allows the device to be
used with very small value external inductor and ceramic
capacitors.
The CAT32 is targeted to drive multiple white light-
emitting diodes (LEDs) connected in series and provides
the necessary regulated current to control the brightness
and the color purity. An external resistor R
SET controls
the output current level. LED currents of up to 40mA
can be supported over a wide range of input supply
voltages from 2V to 7V, making the device ideal for
battery-powered applications.
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc No. 5001, Rev. AC
APPLICATIONS
s Color LCD and keypad backlighting
s Cellular phones
s Handheld terminals
A high voltage output stage allows up to 4 White LEDs
to be driven in series. Series drive provides inherent
current matching.
LED dimming can be done by using a DC voltage, a
logic signal, or a pulse width modulation (PWM) signal.
The shutdown input pin allows the device to be placed
in power-down mode with “near zero” quiescent current.
In addition to overcurrent limiting protection, the device
also includes detection circuitry to ensure protection
against open-circuit load fault conditions.
The device is available in a low profile (1mm max height)
6-lead thin SOT23 package and in a TDFN (0.8mm max
height) package.
TYPICAL APPLICATION
C1: Taiyo Yuden JMK212BJ475
C2: Taiyo Yuden EMK212BJ105
D1: Zetez ZHCS400
L1: Sumida CLQ4D106R8
(Panasonic ELJEA6R8)
s Digital cameras
s PDAs/Games
s Portable MP3 players
15mA
4
2
3
1
6
5
SW
VIN
SHDN
RSET
D1
VIN
2.7V to 4.2V
PWM
DIMMING
CONTROL
CAT32
LED
GND
SOT23 Pin Numbers
Figure 1. Li-Ion Driver for Four High-Brightness White LEDs
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
296Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32 Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
Catalyst Semiconductor
More results

Similar Description - CAT32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com