Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor CAT32 Datasheet HTML 11Page - Catalyst Semiconductor CAT32 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT32
8
Doc. No. 5001, Rev. AC
Table 4: RSET Resistor Values
I
LED (mA)
RSET
40
562
Ω
30
750
Ω
25
909
Ω
20
1.13k
Ω
15
1.50k
Ω
10
2.26k
Ω
5
4.53k
Ω
DIODE SELECTION
Schottky diodes, with their low forward voltage drop and
fast switching speed, are the ideal choice for high
efficiency applications. Table 3 shows several different
Schottky diodes that work well with the CAT32. Make
sure that the diode has a voltage rating greater than the
Table 3: Schottky Diode Suppliers
Part
Supplier
MBR0520
ON Semiconductor
MBR0530
www.onsemi.com
MBR0540
800.282.9855
ZHCS400
Zetex
output voltage. The diode conducts current only when
the power switch is turned off (typically less than one-
third the time), so a 0.4A or 0.5A diode will be sufficient
for most designs.
LED CURRENT PROGRAMMING
The LED current is programmed with a single resistor
connected to the RSET pin The RSET pin is internally
regulated to 100mV, which sets the current flowing out
of this pin, ISET, equal to 100mV/RSET. The CAT32
regulates the current into the LED pin, I
LED, to 225 times
the value of ISET. For the best accuracy, a 1% or better
resistor is recommended. Table 4 shows several typical
1% R
SET values.
For other LED current values, use the following equation to choose R
SET.
R
V
I
SET
LED
=×


225
01
.
Most white LEDs are driven at maximum currents of 15mA to 20mA. Some higher power designs will use two parallel
strings of LEDs for greater light output, resulting in 30mA to 40mA (two strings of 15mA to 20mA) flowing into the LED
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com