Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor CAT32 Datasheet HTML 11Page - Catalyst Semiconductor CAT32 Datasheet HTML 12Page - Catalyst Semiconductor CAT32 Datasheet HTML 13Page - Catalyst Semiconductor CAT32 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT32
11
Doc No. 5001, Rev. AC
Four LEDs with PWM Dimming Control:
15mA
4
2
3
1
6
5
SW
VIN
SHDN
RSET
D1
VIN
PWM
DIMMING
CONTROL
CAT32
LED
GND
Efficiency - Four LEDs
LED CURRENT [mA]
60
65
70
75
80
85
0
5
10
15
20
Vin = 4.2V
Vin = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com