Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor CAT32 Datasheet HTML 11Page - Catalyst Semiconductor CAT32 Datasheet HTML 12Page - Catalyst Semiconductor CAT32 Datasheet HTML 13Page - Catalyst Semiconductor CAT32 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CAT32
12
Doc. No. 5001, Rev. AC
6 LEAD SOT-23
(AA OPTION)
aaa C 2X
aaa C D
2X
3
4
3
4
5
bbb C
2X N/2 TIPS
NX b
5
1
2N/2
N/2
+1
N
ddd
C
M
A B D
D
e1
A
B
e
E1
E1/2
E/2
E
D
ccc C
C
SEATING
PLANE
A2
A
NX
A
A
A1
H
B
B
SEE VIEW C
VIEW A-A
L2
R
R1
GAUGE
PLANE
L
C
SEATING
PLANE
VIEW C
BASE METAL
SECTION B - B
c1
WITH METAL
b1
(b)
c
7
b 5
8
X
X=A &/or B
ODD LEAD SIDES
TOP VIEW
5
X
X=A &/or B
EVEN LEAD SIDES
TOP VIEW
e/2
(L1)
Notes:
1.
Dimensions and tolerancing per ASME Y14.5M - 1994
2.
Dimension are in mm.
3.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead
flash or protrusion shall not exceed 0.15mm per side. D and E1 dimensions are determined at Datum H.
All Dimensions are in Millimeters
Min
NomMax
Notes
A
——
1.00
A1
0.01
0.05
0.10
A2
0.84
0.87
0.90
c
0.12
0.15
0.20
7
c1
0.08
0.13
0.16
7
D
2.90BSC
3,4
E
2.80BSC
3,4
E1
1.60BSC
3,4
L
0.30
0.40
0.50
L1
0.60REF
L2
0.25BSC
R
0.10
——
R1
0.10
—
0.25
θ
0
°
4
°
8
°
θ14°
10
°
12
°
Tolerances of Form and Position
Notes
aaa
0.15
1,2
bbb
0.25
1,2
ccc
0.10
1,2
Variations
AA
6 AB
BA
Min
Nom Max
Min
NomMax
Min
NomMax
Notes
b
0.30
—
0.45
0.30
—
0.45
0.22
—
0.36
7,8
b1
0.31
0.35
0.39
0.31
0.35
0.39
0.22
0.26
0.30
e
0.95BSC
0.95BSC
0.65BSC
e1
1.90BSC
1.90BSC
1.95BSC
N6
5
8
Tolerances of Form and Position
ddd
0.20
0.20
0.13
1,2
4.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost extremes of the plastic body exclusive of mold flash, the bar
burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. D and E1 dimensions are determined at Datum H.
5.
Datums A & B to be determined at Datum H.
6.
Package varation "AB" is a 5 lead version of the 6 lead variation "AA" where lead #5 has been removed from the 6 lead "AA" variation.
7.
These dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip.
8.
Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm total in excess of the "b" dimension at maximum material condition. The dambar
cannot be located on the lower radius of the foot. Minimum space between protrusion and an adjacent lead shall not be less than 0.07mm.
PACKAGE OUTLINES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com