Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT32
6
Doc. No. 5001, Rev. AC
OPERATION
The CAT32 device is a high efficiency, constant
frequency, current regulating boost converter.
The device includes a switch and an internally
compensated loop for the regulation of the LED current.
Operation can be best understood by examining the
block diagram. The RSET pin is regulated at 100mV and
the current through the external resistor will set the
regulated current in the LEDs (from 5mA to 40mA) with
a multiplication factor of 225.
While maintaining LED current regulation, the CAT32
automatically adjusts the LED pin voltage to be as low as
possible. A low LED pin voltage ensures high efficiency.
Current through the internal power switch is continuously
monitored cycle-by-cycle. If the current limit is exceeded,
the switch is immediately turned off, protecting the
device, for the remainder of the cycle.
PWM dimming operation can be achieved by switching
the
SHDN pin or by pulling the RSET pin higher than
0.1V.
BLOCK DIAGRAM
Figure 2. CAT32 Block Diagram
SOT23 Pin Numbers
Vin
1.2 MHz
Oscillator
D1
L1
C1
4
2
RSET
LED
Current
Sense
Amp
SW
1
CAT32
3
ILED
C2
GND
ILED = 225 x IS
Current
Control
PWM
& Logic
IS
100mV
RSET
SHDN
6
5
VIN
Over Voltage
Protection
(22V)
225x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com