Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 52 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 48Page - Texas Instruments PCI6621 Datasheet HTML 49Page - Texas Instruments PCI6621 Datasheet HTML 50Page - Texas Instruments PCI6621 Datasheet HTML 51Page - Texas Instruments PCI6621 Datasheet HTML 52Page - Texas Instruments PCI6621 Datasheet HTML 53Page - Texas Instruments PCI6621 Datasheet HTML 54Page - Texas Instruments PCI6621 Datasheet HTML 55Page - Texas Instruments PCI6621 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 204 page
background image
3−4
3.4.4
Function 3 (Flash Media) Subsystem Identification
The subsystem identification register is used for system and option card identification purposes. This register can
be initialized from the serial EEPROM or programmed via the subsystem access register at offset 50h in the PCI
configuration space (see Section 7.22, Subsystem Access Register). See Table 7−15 for a complete description of
the register contents.
The contents of the subsystem access register are aliased to the subsystem vendor ID and subsystem ID registers
at Function 3 PCI offsets 2Ch and 2Eh, respectively. See Table 7−15 for a complete description of the register
contents.
3.4.5
Function 4 SD Host Subsystem Identification
The subsystem identification register is used for system and option card identification purposes. This register can
be initialized from the serial EEPROM or programmed via the subsystem access register at offset 8Ch in the PCI
configuration space (see Section 8.23, Subsystem Access Register). See Table 8−16 for a complete description of
the register contents.
The contents of the subsystem access register are aliased to the subsystem vendor ID and subsystem ID registers
at Function 4 PCI offsets 2Ch and 2Eh, respectively. See Table 8−16 for a complete description of the register
contents.
3.4.6
Function 5 Smart Card Subsystem Identification
The subsystem identification register is used for system and option card identification purposes. This register can
be initialized from the serial EEPROM or programmed via the subsystem access register at offset 50h in the PCI
configuration space (see Section 9.23, Subsystem ID Alias Register). See Table 9−14 for a complete description of
the register contents.
The contents of the subsystem access register are aliased to the subsystem vendor ID and subsystem ID registers
at Function 5 PCI offsets 2Ch and 2Eh, respectively. See Table 9−14 for a complete description of the register
contents.
3.5
PC Card Applications
The PCI6x21/PCI6x11 controller supports all the PC Card features and applications as described below.
•
Card insertion/removal and recognition per the PC Card Standard (release 8.1)
•
Speaker and audio applications
•
LED socket activity indicators
•
PC Card controller programming model
•
CardBus socket registers
3.5.1
PC Card Insertion/Removal and Recognition
The PC Card Standard (release 8.1) addresses the card-detection and recognition process through an interrogation
procedure that the socket must initiate on card insertion into a cold, nonpowered socket. Through this interrogation,
card voltage requirements and interface (16-bit versus CardBus) are determined.
The scheme uses the card-detect and voltage-sense signals. The configuration of these four terminals identifies the
card type and voltage requirements of the PC Card interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com