Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 91 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 91 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 87Page - Texas Instruments PCI6621 Datasheet HTML 88Page - Texas Instruments PCI6621 Datasheet HTML 89Page - Texas Instruments PCI6621 Datasheet HTML 90Page - Texas Instruments PCI6621 Datasheet HTML 91Page - Texas Instruments PCI6621 Datasheet HTML 92Page - Texas Instruments PCI6621 Datasheet HTML 93Page - Texas Instruments PCI6621 Datasheet HTML 94Page - Texas Instruments PCI6621 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 204 page
background image
4−15
Table 4−6. Interrupt Pin Register Cross Reference
INTRTIE BIT
(BIT 29,
OFFSET 80h)
TIEALL BIT
(BIT 28,
OFFSET 80h)
INTPIN
FUNCTION 0
(CARDBUS)
INTPIN
FUNCTION 1
(CARDBUS)
INTPIN
FUNCTION 3
(FLASH MEDIA)
INTPIN
Function 4
(SD Host)
INTPIN
Function 5
(Smart Card)
0
0
01h (INTA)
02h (INTB)
Determined by bits
6−5 (INT_SEL field) in
flash media general
Determined by bits
6−5 (INT_SEL field) in
SD host general
Determined by bits
6−5 (INT_SEL field) in
Smart Card general
1
0
01h (INTA)
01h (INTA)
flash media general
control register (see
Section 7.21)
SD host general
control register (see
Section 8.22)
Smart Card general
control register (see
Section 9.22)
X
1
01h (INTA)
01h (INTA)
01h (INTA)
0x01 (INTA)
0x01 (INTA)
4.25 Bridge Control Register
The bridge control register provides control over various PCI6x21/PCI6x11 bridging functions. Some bits in this
register are global in nature and must be accessed only through function 0. See Table 4−7 for a complete description
of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Bridge control
Type
R
R
R
R
R
RW
RW
RW
RW
RW
RW
R
RW
RW
RW
RW
Default
0
0
0
0
0
0
1
1
0
1
0
0
0
0
0
0
Register:
Bridge control
Offset:
3Eh (Function 0, 1)
Type:
Read-only, Read/Write
Default:
0340h
Table 4−7. Bridge Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
15−11
RSVD
R
These bits return 0s when read.
10
POSTEN
RW
Write posting enable. Enables write posting to and from the CardBus sockets. Write posting enables the
posting of write data on burst cycles. Operating with write posting disabled impairs performance on burst
cycles. Note that burst write data can be posted, but various write transactions may not. This bit is socket
dependent and is not shared between functions 0 and 1.
9
PREFETCH1
RW
Memory window 1 type. This bit specifies whether or not memory window 1 is prefetchable. This bit is
socket dependent. This bit is encoded as:
0 = Memory window 1 is nonprefetchable.
1 = Memory window 1 is prefetchable (default).
8
PREFETCH0
RW
Memory window 0 type. This bit specifies whether or not memory window 0 is prefetchable. This bit is
socket dependent. This bit is encoded as:
0 = Memory window 0 is nonprefetchable.
1 = Memory window 0 is prefetchable (default).
7
INTR
RW
PCI interrupt − IREQ routing enable. This bit is used to select whether PC Card functional interrupts are
routed to PCI interrupts or to the IRQ specified in the ExCA registers.
0 = Functional interrupts are routed to PCI interrupts (default).
1 = Functional interrupts are routed by ExCA registers.
6 †
CRST
RW
CardBus reset. When this bit is set, the CRST signal is asserted on the CardBus interface. The CRST
signal can also be asserted by passing a PRST assertion to CardBus.
0 = CRST is deasserted.
1 = CRST is asserted (default).
This bit is not cleared by the assertion of PRST. It is only cleared by the assertion of GRST.
† One or more bits in this register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then this bit is cleared by the assertion of PRST or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com