Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 75 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 75 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 71Page - Texas Instruments PCI6621 Datasheet HTML 72Page - Texas Instruments PCI6621 Datasheet HTML 73Page - Texas Instruments PCI6621 Datasheet HTML 74Page - Texas Instruments PCI6621 Datasheet HTML 75Page - Texas Instruments PCI6621 Datasheet HTML 76Page - Texas Instruments PCI6621 Datasheet HTML 77Page - Texas Instruments PCI6621 Datasheet HTML 78Page - Texas Instruments PCI6621 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 204 page
background image
3−27
•
Serial bus control/status register (PCI offset B3h, see Section 4.50): bits 7, 3−0
•
ExCA identification and revision register (ExCA 800h/840h, see Section 5.1): bits 7−0
•
ExCA global control register (ExCA 81Eh/85Eh, see Section 5.20): bits 2−0
•
CardBus socket power management register (CardBus 20h, see Section 6.6): bits 25, 24
The global reset-only (function 3) register bits:
•
Subsystem vendor ID register (PCI offset 2Ch, see Section 7.9): bits 15–0
•
Subsystem ID register (PCI offset 2Eh, see Section 7.10): bits 15–0
•
Power management control and status register (PCI offset 48h, see Section 7.18): bits 15, 8, 1, 0
•
General control register (PCI offset 4Ch, see Section 7.21): bits 6−4, 2–0
•
Diagnostic register (PCI offset 54h, see Section 7.23): bits 31–0
The global reset-only (function 4) register bits:
•
Subsystem vendor ID register (PCI offset 2Ch, see Section 8.9): bits 15–0
•
Subsystem ID register (PCI offset 2Eh, see Section 8.10): bits 15–0
•
Power management control and status register (PCI offset 84h, see Section 8.19): bits 15, 8, 1, 0
•
General control register (PCI offset 88h, see Section 8.22): bits 6−4, 0
•
Diagnostic register (PCI offset 90h, see Section 8.24): bits 31–0
The global reset-only (function 5) register bits:
•
Subsystem vendor ID register (PCI offset 2Ch, see Section 9.10): bits 15–0
•
Subsystem ID register (PCI offset 2Eh, see Section 9.11): bits 15–0
•
Power management control and status register (PCI offset 48h, see Section 9.19): bits 15, 8, 1, 0
•
General control register (PCI offset 4Ch, see Section 9.22): bits 6−4, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com